PART |
Description |
Maker |
MIC5253 MIC5253-1.85BC5 MIC5253-1.8BC5 MIC5253-2.6 |
100mA Low Noise µCap Teeny LDO 100mA Low Noise UCap Teeny LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
LDO518 |
IP Library: Low Noise, High PSRR 100mA Low Dropout Voltage Regulator
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LT3060MPTS8 LT3060EDCPBF LT3060IDCPBF LT3060HTS8 L |
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
|
Linear Technology
|
LT3027 |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
|
Linear Technology
|
LT3027 LT3027EMSE LT3027IMSE LT3027EDD LT3027IDD |
From old datasheet system Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
|
LINER[Linear Technology]
|
LT1761MPS5-1.8 LT1761ES5-1.2 |
100mA, Low Noise,LDO Micropower Regulators in SOT-23
|
Linear Technology
|
2SC828 BFY39 MPS6565 MPS9602 2N4286 BC260 BC280 BC |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 100mA的一(c)|92 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|8 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 200MA I(C) | TO-92 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 500MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-98 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 100MA I(C) | TO-92 Cyclone FPGA 3K TQFP-144 Cyclone II FPGA 5K FBGA-256 Cyclone FPGA 3K TQFP-100 Cyclone FPGA 12K PQFP-240 Cyclone FPGA 4K FBGA-400 Stratix II FPGA 180K FBGA-1020 Stratix FPGA 25K FBGA-1020 Stratix II FPGA 15K FBGA-672 Stratix II GX FPGA 60K FPGA-780 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-92 ZENER DIODES Audio Frequency Small Signal Transistors
|
Semiconductor Technology Bourns, Inc. KEC Holdings Semiconductors
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6341CPA MAX6341CSA MAX6341EPA MAX6341ESA MAX634 |
Stereo 2-W Audio Power Amp with 4 Selectable Gain Settings and MUX Control 24-HTSSOP -40 to 85 1ppm/C / Low-Noise / 2.5V/ 4.096V/ 5V Voltage References 1ppm/C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/∑C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/C Low-Noise 2.5V/ 4.096V/ 5V Voltage References 1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/??, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
ATF-551M4 ATF-551M4-TR2 ATF-551M4-BLK ATF-551M4-TR |
ATF-551M4 · Single Voltage E-pHEMT Low Current Low Noise 24dBm OIP3 in MiniPak Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|